PART |
Description |
Maker |
SD603C22S20C SD603C SD603C04S10C SD603C08S10C SD60 |
FAST RECOVERY DIODES Hockey Puk Version DIODE 600 A, 800 V, SILICON, RECTIFIER DIODE, B-43, 2 PIN, Rectifier Diode FAST RECOVERY DIODES Hockey Puk Version 快速恢复二极管曲棍球北辰版 800V Fast Recovery Diode in a B-43 (E-Puk) package 1000V Fast Recovery Diode in a B-43 (E-Puk) package 1200V Fast Recovery Diode in a B-43 (E-Puk) package 1400V Fast Recovery Diode in a B-43 (E-Puk) package 1600V Fast Recovery Diode in a B-43 (E-Puk) package 2000V Fast Recovery Diode in a B-43 (E-Puk) package 2200V Fast Recovery Diode in a B-43 (E-Puk) package DIODE 600 A, 2200 V, SILICON, RECTIFIER DIODE, B-43, 2 PIN, Rectifier Diode DIODE 600 A, 1200 V, SILICON, RECTIFIER DIODE, B-43, 2 PIN, Rectifier Diode
|
International Rectifier, Corp. IRF[International Rectifier] Vishay Semiconductors
|
RS1X-13-F RS1GB-13-F RS1J-13-F RS1D-13-F RS1K-13-F |
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMB 3K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1 A, 600 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 200 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir SMA 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
TFR4N TFR4T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
VS-HFA30PB120PBF VS-HFA16TA60CSTRRP FA135NH40PBF |
DIODE 30 A, SILICON, RECTIFIER DIODE, ROHS COMPLIANT, PLASTIC, MODIFIED TO-247AC, 2 PIN, Rectifier Diode ULTRA FAST RECOVERY RECTFR 600V 8A 3PIN D2PAK - Tape and Reel ULTRA FAST RECOVERY RECTFR 400V 275A 2PIN CASE D-67 - Bulk
|
Vishay Semiconductors
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
10ETF06 10ETF02 10ETF04 |
FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a TO-220AC package 400V Fast Recovery Diode in a TO-220AC package 600V Fast Recovery Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
DSEP29-12A |
Fast Recovery Diodes HiPerFRED Epitaxial Diode with soft recovery 30 A, 1200 V, SILICON, RECTIFIER DIODE, TO-220AC
|
IXYS[IXYS Corporation] IXYS, Corp.
|
CBR1F-D100S CBR1F-D020S CBR1F-D040S CBR1F-D060S CB |
SMD Bridge Rectifier Fast Recovery 1.0 AMP DUAL IN LINE FAST RECOVERY SILICON BRIDGE RECTIFIER 1 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP DUAL IN LINE FAST RECOVERY SILICON BRIDGE RECTIFIER 1 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
|